Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR8051CPU Datasheet(PDF) 4 Page - Digital Core Design

Part # DR8051CPU
Description  High Performance 8-bit Microcontroller ver 3.10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR8051CPU Datasheet(HTML) 4 Page - Digital Core Design

  DR8051CPU Datasheet HTML 1Page - Digital Core Design DR8051CPU Datasheet HTML 2Page - Digital Core Design DR8051CPU Datasheet HTML 3Page - Digital Core Design DR8051CPU Datasheet HTML 4Page - Digital Core Design DR8051CPU Datasheet HTML 5Page - Digital Core Design DR8051CPU Datasheet HTML 6Page - Digital Core Design DR8051CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
reset
input
Global synchronous reset
ramdatai[7:0]
input
Data bus from Internal Data Memory
sfrdatai[7:0]
input
Data bus from user SFRs
prgdatai[7:0]
input
Input data bus from Program Memory
xramdatai[7:0]
input
Data bus from External Data Memory
int0
input
External interrupt 0 line
int1
input
External interrupt 1 line
docddatai
input
DoCD™ data input
ramdatao[7:0]
output
Data bus for Internal Data Memory
ramaddr[7:0]
output
Internal Data Memory address bus
ramoe
output
Internal Data Memory output enable
ramwe
output
Internal Data Memory write enable
sfrdatao[7:0]
output
Data bus for user SFRs
sfraddr[7:0]
output
User SFRs address bus
sfroe
output
User SFRs output enable
sfrwe
output
User SFRs write enable
prgaddr[15:0]
output
Program Memory address bus
prgdatao[7:0]
output
Output data bus for Program Memory
prgdataz
output
PRGDATA tri-state buffers control line
prgrd
output
Program Memory read
prgwr
output
Program Memory write
xramdatao[7:0]
output
Data bus for External Data Memory
xramdataz
output
XDATA tri-state buffers control line
xramaddr[23:0]
output
External Data Memory address bus
xramrd
output
External Data Memory read
xramwr
output
External Data Memory write
docddatao
output
DoCD™ data output
docdclk
output
DoCD™ clock line
pmm
output
Power management mode indicator
stop
output
Stop mode indicator
UNITS SUMMARY
ALU
– Arithmetic Logic Unit performs the
arithmetic and logic operations during execu-
tion of an instruction. It contains accumulator
(ACC), Program Status Word (PSW), (B) regis-
ters and related logic such as arithmetic unit,
logic unit, multiplier and divider.
Opcode Decoder
– Performs an instruction
opcode decoding and the control functions for
all other blocks.
Control Unit
– Performs the core synchroniza-
tion and data flow control. This module is di-
rectly connected to Opcode Decoder and
manages execution of all microcontroller tasks.
Program Memory Interface
– Contains Pro-
gram Counter (PC) and related logic. It per-
forms the instructions code fetching. Program
Memory can be also written. This feature al-
lows usage of a small boot loader loading new
program into RAM, EPROM or FLASH
EEPROM storage via UART, SPI, I2C or
DoCD™ module. Program fetch cycle length
can be programmed by user. This feature is
called Program Memory Wait States, and al-
lows core to work with different speed program
memories.
External Memory Interface
– Contains mem-
ory access related registers such as Data
Pointer High (DPH0), Data Pointer Low
(DPL0), Data Page Pointer (DPP0), MOVX
@Ri address register (MXAX) and STRETCH
registers. It performs the memory addressing
and data transfers. Allows applications soft-
ware to access up to 16 MB of external data
memory. The DPP0 register is used for seg-
ments swapping. STRETCH register allows
flexible timing management while accessing
different speed system devices by program-
ming XRAMWR and XRAMRD pulse width
between 1 – 8 clock periods.
Internal Data Memory Interface
– Internal
Data Memory interface controls access into the
internal 256 bytes memory. It contains 8-bit
Stack Pointer (SP) register and related logic.
User SFRs Interface
– Special Function Reg-
isters interface controls access to the special
registers. It contains standard and used de-
fined registers and related logic. User defined
external devices can be quickly accessed
(read, written, modified) using all direct ad-
dressing mode instructions.
Interrupt Controller
– Interrupt control module
is responsible for the interrupt manage system
for the external and internal interrupt sources.
It contains interrupt related registers such as
Interrupt Enable (IE), Interrupt Priority (IP) and
(TCON) registers.
Power Management Unit
– Block contains
advanced power saving mechanisms with
switchback feature, allowing external clock
control logic to stop clocking (Stop mode) or
run core in lower clock frequency (Power Man-
agement Mode) to significantly reduce power
consumption.
Switchback
feature
allows
UARTs, and interrupts to be processed in full
speed mode if enabled. It is very desired when



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com