Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR8051CPU Datasheet(PDF) 5 Page - Digital Core Design

Part # DR8051CPU
Description  High Performance 8-bit Microcontroller ver 3.10
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DR8051CPU Datasheet(HTML) 5 Page - Digital Core Design

  DR8051CPU Datasheet HTML 1Page - Digital Core Design DR8051CPU Datasheet HTML 2Page - Digital Core Design DR8051CPU Datasheet HTML 3Page - Digital Core Design DR8051CPU Datasheet HTML 4Page - Digital Core Design DR8051CPU Datasheet HTML 5Page - Digital Core Design DR8051CPU Datasheet HTML 6Page - Digital Core Design DR8051CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
microcontroller is planned to use in portable
and power critical applications.
DoCD™ Debug Unit
– it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other on-
chip debuggers DoCD™ provides non-intrusive
debugging of running application. It can halt,
run, step into or skip an instruction, read/write
any contents of microcontroller including all
registers, internal, external, program memo-
ries, all SFRs including user defined peripher-
als. Hardware breakpoints can be set and con-
trolled on program memory, internal and exter-
nal data memories, as well as on SFRs. Hard-
ware breakpoint is executed if any write/read
occurred at particular address with certain data
pattern or without pattern. The DoCD™ system
includes three-wire interface and complete set
of tools to communicate and work with core in
real time debugging. It is built as scalable unit
and some features can be turned off to save
silicon and reduce power consumption. A spe-
cial care on power consumption has been
taken, and when debugger is not used it is
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
PERFORMANCE
The following tables give a survey about the
Core area and performance in ASICs Devices
(all CPU features and peripherals have been
included):
Device
Optimization
Fmax
0.25u typical
area
100 MHz
0.25u typical
speed
250 MHz
Core performance in ASIC devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and their improvements
are shown in table below. An improvement was
computed as {80C51 clock periods} divided by
{DR8051CPU clock periods} required to exe-
cute an identical function. More details are
available in core documentation.
Function
Improvement
8-bit addition (immediate data)
7,20
8-bit addition (direct addressing)
6,00
8-bit addition (indirect addressing)
6,00
8-bit addition (register addressing)
7,20
8-bit subtraction (immediate data)
7,20
8-bit subtraction (direct addressing)
6,00
8-bit subtraction (indirect addressing)
6,00
8-bit subtraction (register addressing)
7,20
8-bit multiplication
10,67
8-bit division
9,60
16-bit addition
7,20
16-bit subtraction
7,64
16-bit multiplication
9,75
32-bit addition
7,20
32-bit subtraction
7,43
32-bit multiplication
9,04
Average speed improvement:
7,58
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DR8051CPU per-
formance in terms of Dhrystone/sec and VAX
MIPS rating.
Device
Target
Clock
frequency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DR8051CPU
0.25u
250 MHz 40325 (22.951)
Core performance in terms of Dhrystones
268
1550
40325
0
5000
10000
15000
20000
25000
30000
35000
40000
45000
80C51 (12MHz)
80C310 (33MHz)
DR8051CPU (250MHz)
Area utilized by the each unit of DR8051CPU
core in vendor specific technologies is summa-
rized in table below.
Area
Component
[Gates]
[FFs]
CPU*
4850
220
Interrupt Controller
400
40
Power Management Unit
50
5
Total area
5300
265
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com