Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT90USB82
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT90USB82 Datasheet HTML 1Page - ATMEL Corporation AT90USB82 Datasheet HTML 2Page - ATMEL Corporation AT90USB82 Datasheet HTML 3Page - ATMEL Corporation AT90USB82 Datasheet HTML 4Page - ATMEL Corporation AT90USB82 Datasheet HTML 5Page - ATMEL Corporation AT90USB82 Datasheet HTML 6Page - ATMEL Corporation AT90USB82 Datasheet HTML 7Page - ATMEL Corporation AT90USB82 Datasheet HTML 8Page - ATMEL Corporation AT90USB82 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
7618C–AVR–07/08
2.
Bootloader Environment
The bootloader is located in the boot section of the on-chip Flash memory, it manages the USB
communication protocol and performs read/write operations to the on-chip memories
(Flash/EEPROM).
The USB bootloader is loaded in the “Bootloader Flash Section” of the on-chip Flash memory.
The size of the bootloader flash section must be larger than the bootloader size.USB products
are factory configured with the default on-chip USB bootloader and the required bootsection
configuration.
Table 2-1.
USB Bootloader Parameters
Figure 2-1.
Physical Environment
3.
Bootloader Activation
As specified in the AT90USB datasheet, the bootloader can be activated by one of the following
conditions:
• Regular application execution: A jump or call from the user application program. This may
be initiated by a trigger such as a command received via USB, USART or SPI and decoded
by the application.
Product
Flash Bootsection Size
Configuration
VID / PID
Bootloader Start Address
(word address)
AT90USB1287
4 KWord
0x03EB / 0x2FFB
0xf000
AT90USB1286
AT90USB647
2 KWord
0x03EB / 0x2FF9
0x7800
AT90USB646
AT90USB162
0x03EB / 0x2FFA
0x1800
AT90USB82
0x03EB / 0x2FF7
0x0800
ATmega32U4
0x03EB / 0x2FF4
0x3800
ATmega16U4
0x03EB / 0x2FF3
0x0800
USB Bootloader
in Boot section
Flash
Application section
Read/Write
USB
Interface
EEPROM Data
Read/Write
DFU Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com