Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90USB82
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90USB82 Datasheet HTML 1Page - ATMEL Corporation AT90USB82 Datasheet HTML 2Page - ATMEL Corporation AT90USB82 Datasheet HTML 3Page - ATMEL Corporation AT90USB82 Datasheet HTML 4Page - ATMEL Corporation AT90USB82 Datasheet HTML 5Page - ATMEL Corporation AT90USB82 Datasheet HTML 6Page - ATMEL Corporation AT90USB82 Datasheet HTML 7Page - ATMEL Corporation AT90USB82 Datasheet HTML 8Page - ATMEL Corporation AT90USB82 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
7618C–AVR–07/08
4.3.2
DFU Configuration Descriptor
This descriptor is identical to the standard configuration descriptor described in the USB DFU
specification version 1.0, with the exception that the bNumInterfaces field must contain the value
01h.
4.3.2.1
DFU Interface Descriptor
This is the descriptor for the only interface available when operating in DFU mode. Therefore,
the value of the bInterfaceNumber field is always zero.
Table 4-3.
DFU Mode Interface Description
Note:
1. Alternate settings can be used by an application to access additional memory segments. In this case, it is suggested that
each alternate setting employ a string descriptor to indicate the target memory segment; e.g., “EEPROM”. Details concern-
ing other possible uses of alternate settings are beyond the scope of this document. However, their use is intentionally not
restricted because the authors anticipate that implements will devise additional creative uses for alternate settings.
4.4
Commands Description
The protocol implemented in the AT90USB bootloader allows to:
• Initiate the communication
• Program the Flash or EEPROM Data
• Read the Flash or EEPROM Data
• Program Configuration Information
• Read Configuration and Manufacturer Information
• Erase the Flash
• Start the application
Overview of the protocol is detailed in “Appendix-A” on page 18.
15
iProduct
1
0
Index of string descriptor
16
iSerialNumber
1
0
Index of string descriptor
17
bNumConfigurations
1
01h
One configuration only for DFU
Offset
Field
Size
Value
Description
Offset
Field
Size
Value
Description
0
bLength
1
09h
Size of this descriptor, in bytes
1
bDescriptorType
1
04h
INTERFACE descriptor type
2
bInterfaceNumber
1
00h
Number of this interface
3
bAlternateSetting
1
00h
Alternate setting(1)
4
bNumEndpoints
1
00h
Only the control pipe is used
5
bInterfaceClass
1
FEh
Application Specific Class Code
6
bInterfaceSubClass
1
01h
Device Firmware Upgrade Code
7
bInterfaceProtocol
1
00h
The device does not use a class specific protocol on this interface
8
iInterface
1
00h
Index of the String descriptor for this interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com