Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90USB82 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT90USB82
Description  USB DFU Bootloader
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 2Page - ATMEL Corporation AT90USB82 Datasheet HTML 3Page - ATMEL Corporation AT90USB82 Datasheet HTML 4Page - ATMEL Corporation AT90USB82 Datasheet HTML 5Page - ATMEL Corporation AT90USB82 Datasheet HTML 6Page - ATMEL Corporation AT90USB82 Datasheet HTML 7Page - ATMEL Corporation AT90USB82 Datasheet HTML 8Page - ATMEL Corporation AT90USB82 Datasheet HTML 9Page - ATMEL Corporation AT90USB82 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
7618C–AVR–07/08
4.5
Device Status
4.5.1
Get Status
The Host employs the DFU_GETSTATUS request to facilitate synchronization with the device.
This status gives information on the execution of the previous request: in progress/OK/Fail/...
The device responds to the DFU_GETSTATUS request with a payload packet containing the fol-
lowing data:
Table 4-4.
DFU_GETSTATUS Response
Table 4-5.
bStatus values
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_GETSTATUS (3)
Zero
Interface (4)
6
Status
0010 0001b
DFU_CLRSTATUS (4)
Zero
Interface (4)
Zero
none
Offset
Field
Size
Value
Description
0
bStatus
1
Number
An indication of the status resulting from the
execution of the most recent request.
1
bwPollTimeOut
3
Number
Minimum time in milliseconds that the host should
wait before sending a subsequent
DFU_GETSTATUS. The purpose of this field is to
allow the device to dynamically adjust the amount of
time that the device expects the host to wait
between the status phase of the next
DFU_DNLOAD and the subsequent solicitation of
the device’s status via DFU_GETSTATUS.
4
bState
1
Number
An indication of the state that the device is going to
enter immediately following transmission of this
response.
5
iString
1
Index
Index of status description in string table.
Status
Value
Description
OK
0x00
No error condition is present
errTARGET
0x01
File is not targeted for use by this device
errFILE
0x02
File is for this device but fails some vendor-specific verification test
errWRITE
0x03
Device id unable to write memory
errERASE
0x04
Memory erase function failed
errCHECK_ERAS
ED
0x05
Memory erase check failed
errPROG
0x06
Program memory function failed
errVERIFY
0x07
Programmed memory failed verification
errADDRESS
0x08
Cannot program memory due to received address that is out of range
errNOTDONE
0x09
Received DFU_DNLOAD with wLength = 0, but device does not think it has all the
data yet.
errFIRMWARE
0x0A
Device’s firmware is corrupted. It cannot return to run-time operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com