Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 210 page
background image
89
AT8xC51SND1C
4109E–8051–06/03
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data
won’t be stored, but the USB controller will consider that the packet is valid if the CRC is
correct.
Bulk/Interrupt IN Transactions
in Standard Mode
Figure 64. Bulk/Interrupt IN Transactions in Standard Mode
An endpoint should be first enabled and configured before being able to send Bulk or
Interrupt packets.
The firmware should fill the FIFO with the data to be sent and set the TXRDY bit in the
UEPSTAX register to allow the USB controller to send the data stored in FIFO at the
next IN request concerning this endpoint. To send a Zero Length Packet, the firmware
should set the TXRDY bit without writing any data into the endpoint FIFO.
Until the TXRDY bit has been set by the firmware, the USB controller will answer a NAK
handshake for each IN requests.
To cancel the sending of this packet, the firmware has to reset the TXRDY bit. The
packet stored in the endpoint FIFO is then cleared and a new packet can be written and
sent.
When the IN packet has been sent and acknowledged by the Host, the TXCMPL bit in
the UEPSTAX register is set by the USB controller. This triggers a USB interrupt if
enabled. The firmware should clear the TXCMPL bit before filling the endpoint FIFO with
new data.
The firmware should never write more Bytes than supported by the endpoint FIFO.
All USB retry mechanisms are automatically managed by the USB controller.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Write Byte 1
IN
NAK
TXCMPL
Endpoint FIFO Write Byte 2
Endpoint FIFO Write Byte n
Set TXRDY
Clear TXCMPL
Endpoint FIFO Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com