Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 210 page
background image
90
AT8xC51SND1C
4109E–8051–06/03
Bulk/Interrupt IN Transactions
in Ping-pong Mode
Figure 65. Bulk/Interrupt IN transactions in Ping-pong mode
An endpoint should be first enabled and configured before being able to send Bulk or
Interrupt packets.
The firmware should fill the FIFO bank 0 with the data to be sent and set the TXRDY bit
in the UEPSTAX register to allow the USB controller to send the data stored in FIFO at
the next IN request concerning the endpoint. The FIFO banks are automatically
switched, and the firmware can immediately write into the endpoint FIFO bank 1.
When the IN packet concerning the bank 0 has been sent and acknowledged by the
Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if
enabled. The firmware should clear the TXCMPL bit before filling the endpoint FIFO
bank 0 with new data. The FIFO banks are then automatically switched.
When the IN packet concerning the bank 1 has been sent and acknowledged by the
Host, the TXCMPL bit is set by the USB controller. This triggers a USB interrupt if
enabled. The firmware should clear the TXCMPL bit before filling the endpoint FIFO
bank 1 with new data.
The bank switch is performed by the USB controller each time the TXRDY bit is set by
the firmware. Until the TXRDY bit has been set by the firmware for an endpoint bank,
the USB controller will answer a NAK handshake for each IN requests concerning this
bank.
Note that in the example above, the firmware clears the Transmit Complete bit
(TXCBulk-outMPL) before setting the Transmit Ready bit (TXRDY). This is done in order
to avoid the firmware to clear at the same time the TXCMPL bit for for bank 0 and the
bank 1.
The firmware should never write more Bytes than supported by the endpoint FIFO.
IN
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO bank 0 - Write Byte 1
IN
NACK
TXCMPL
Endpoint FIFO bank 0 - Write Byte 2
Endpoint FIFO bank 0 - Write Byte n
Set TXRDY
Endpoint FIFO bank 1 - Write Byte 1
Endpoint FIFO bank 1 - Write Byte 2
Endpoint FIFO bank 1 - Write Byte m
Set TXRDY
IN
DATA1 (m Bytes)
ACK
Endpoint FIFO bank 0 - Write Byte 1
Endpoint FIFO bank 0 - Write Byte 2
Endpoint FIFO bank 0 - Write Byte p
Set TXRDY
Clear TXCMPL
IN
DATA0 (p Bytes)
ACK
TXCMPL
Clear TXCMPL
Endpoint FIFO bank 1 - Write Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com