Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 210 page
background image
36
AT8xC51SND1C
4109E–8051–06/03
Interrupt System
The AT8xC51SND1C, like other control-oriented computer architectures, employ a pro-
gram interrupt method. This operation branches to a subroutine and performs some
service in response to the interrupt. When the subroutine completes, execution resumes
at the point where the interrupt occurred. Interrupts may occur as a result of internal
AT8xC51SND1C activity (e.g., timer overflow) or at the initiation of electrical signals
external to the microcontroller (e.g., keyboard). In all cases, interrupt operation is pro-
grammed by the system designer, who determines priority of interrupt service relative to
normal code execution and other interrupt service routines. All of the interrupt sources
are enabled or disabled by the system designer and may be manipulated dynamically.
A typical interrupt event chain occurs as follows:
•
An internal or external device initiates an interrupt-request signal. The
AT8xC51SND1C, latches this event into a flag buffer.
•
The priority of the flag is compared to the priority of other interrupts by the interrupt
handler. A high priority causes the handler to set an interrupt flag.
•
This signals the instruction execution unit to execute a context switch. This context
switch breaks the current flow of instruction sequences. The execution unit
completes the current instruction prior to a save of the program counter (PC) and
reloads the PC with the start address of a software service routine.
•
The software service routine executes assigned tasks and as a final activity
performs a RETI (return from interrupt) instruction. This instruction signals
completion of the interrupt, resets the interrupt-in-progress priority and reloads the
program counter. Program operation then continues from the original point of
interruption.
Table 48. Interrupt System Signals
Six interrupt registers are used to control the interrupt system. 2 8-bit registers are used
to enable separately the interrupt sources: IEN0 and IEN1 registers (see Table 51 and
Table 52).
Four 8-bit registers are used to establish the priority level of the thirteen sources: IPH0,
IPL0, IPH1 and IPL1 registers (see Table 53 to Table 56).
Interrupt System
Priorities
Each of the thirteen interrupt sources on the AT8xC51SND1C can be individually pro-
grammed to one of four priority levels. This is accomplished by one bit in the Interrupt
Priority High registers (IPH0 and IPH1) and one bit in the Interrupt Priority Low registers
(IPL0 and IPL1). This provides each interrupt source four possible priority levels accord-
ing to Table 49.
Signal
Name
Type
Description
Alternate
Function
INT0
I
External Interrupt 0
See section "External Interrupts", page 39.
P3.2
INT1
I
External Interrupt 1
See section “External Interrupts”, page 39.
P3.3
KIN3:0
I
Keyboard Interrupt Inputs
See section “Keyboard Interface”, page 179.
P1.3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com