Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 7Page - Maxim Integrated Products DS89C430 Datasheet HTML 8Page - Maxim Integrated Products DS89C430 Datasheet HTML 9Page - Maxim Integrated Products DS89C430 Datasheet HTML 10Page - Maxim Integrated Products DS89C430 Datasheet HTML 11Page - Maxim Integrated Products DS89C430 Datasheet HTML 12Page - Maxim Integrated Products DS89C430 Datasheet HTML 13Page - Maxim Integrated Products DS89C430 Datasheet HTML 14Page - Maxim Integrated Products DS89C430 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
11 of 48
POWER-CYCLE TIMING CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40∞C to +85∞C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Crystal Startup Time (Note 18)
tCSU
8
ms
Power-On Reset Delay (Note 19)
tPOR
65,536
tCLCL
Note 18: Startup time for a crystal varies with load capacitance and manufacturer. The time shown is for an 11.0592MHz crystal manufactured
by Fox Electronics.
Note 19: Reset delay is a synchronous counter of crystal oscillations after crystal startup. Counting begins when the level on the XTAL1 pin
meets the VIH2 criteria. At 33MHz, this time is 1.99ms.
FLASH MEMORY PROGRAMMING CHARACTERISTICS
(VCC = 4.5V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Data Retention
tDR
100
years
Write/Erase Endurance
tENDURE
10,000
cycles
Program/Time
tPROG
40
ms
Erase Time
tERASE
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com