Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS89C430 Datasheet HTML 1Page - Maxim Integrated Products DS89C430 Datasheet HTML 2Page - Maxim Integrated Products DS89C430 Datasheet HTML 3Page - Maxim Integrated Products DS89C430 Datasheet HTML 4Page - Maxim Integrated Products DS89C430 Datasheet HTML 5Page - Maxim Integrated Products DS89C430 Datasheet HTML 6Page - Maxim Integrated Products DS89C430 Datasheet HTML 7Page - Maxim Integrated Products DS89C430 Datasheet HTML 8Page - Maxim Integrated Products DS89C430 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
2 of 48
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………………………-0.3V to (VCC + 0.5V)
Voltage Range on VCC Relative to Ground…………………………………………………………………………………..-0.3V to +6.0V
Ambient Temperature Range (under bias)…………………………………………………………………………………-40°C to +85°C
Storage Temperature Range……………………………………………………………………………………………….-55°C to +125°C
Soldering Temperature…………………………………………………………………………………………See IPC/JEDEC J-STD-020
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TO = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (Notes 2, 3)
VCC
4.5
5.0
5.5
V
Power-Fail Warning (Notes 2, 4)
VPFW
4.2
4.375
4.6
V
Reset Trip Point (Min Operating Voltage) (Notes 2, 3, 4)
VRST
3.95
4.125
4.35
V
Supply Current, Active Mode (Note 5)
ICC
75
110
mA
Supply Current, Idle Mode at 33MHz (Note 6)
IIDLE
40
50
mA
Supply Current, Stop Mode, Bandgap Disabled (Note 7)
ISTOP
1
100
mA
Supply Current, Stop Mode, Bandgap Enabled (Note 7)
ISPBG
150
300
mA
Input Low Level (Note 2)
VIL
-0.3
+0.8
V
Input High Level (Note 2)
VIH
2.0
VCC + 0.3
V
Input High Level XTAL and RST (Note 2)
VIH2
3.5
VCC + 0.3
V
Output Low Voltage, Port 1 and 3 at IOL = 1.6mA (Note 2)
VOL1
0.15
0.45
V
Output Low Voltage, Port 0 and 2, ALE,
PSEN at IOL = 3.2mA
(Note 2)
VOL2
0.15
0.45
V
Output High Voltage, Port 1, 2, and 3, at IOH = -50
mA
(Notes 2, 8)
VOH1
2.4
V
Output High Voltage, Port 1, 2, and 3 at IOH = -1.5mA (Notes 2, 9)
VOH2
2.4
V
Output High Voltage, Port 0, 1, 2, ALE,
PSEN, RD, WR in Bus
Mode at IOH = -8mA (Notes 2, 10)
VOH3
2.4
V
Output High Voltage, RST at IOL = -0.4mA (Note 2, 11)
VOH4
2.4
V
Input Low Current, Port 1, 2, and 3 at 0.4V
IIL
-50
mA
Transition Current from 1 to 0, Port 1, 2, and 3 at 2V (Note 12)
ITL
-650
mA
Input Leakage Current, Port 0 in I/O Mode and
EA (Note 13)
IL
-10
+10
mA
Input Current, Port 0 in Bus Mode (Note 14)
IL
-300
+300
mA
RST Pulldown Resistance (Note 13)
RRST
50
120
200
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com