Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS89C430 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS89C430 Datasheet HTML 9Page - Maxim Integrated Products DS89C430 Datasheet HTML 10Page - Maxim Integrated Products DS89C430 Datasheet HTML 11Page - Maxim Integrated Products DS89C430 Datasheet HTML 12Page - Maxim Integrated Products DS89C430 Datasheet HTML 13Page - Maxim Integrated Products DS89C430 Datasheet HTML 14Page - Maxim Integrated Products DS89C430 Datasheet HTML 15Page - Maxim Integrated Products DS89C430 Datasheet HTML 16Page - Maxim Integrated Products DS89C430 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
13 of 48
PIN DESCRIPTION (continued)
PIN
PDIP
PLCC
TQFP
NAME
FUNCTION
1
2
40
P1.0
2
3
41
P1.1
3
4
42
P1.2
4
5
43
P1.3
5
6
44
P1.4
6
7
1
P1.5
7
8
2
P1.6
8
9
3
P1.7
Port 1, I/O. Port 1 functions as both an 8-bit, bidirectional I/O port and an alternate
functional interface for timer 2 I/O, new external interrupts, and new serial port 1. The
reset condition of port 1 is with all bits at logic 1. In this state, a weak pullup holds the port
high. This condition also serves as an input state, since any external circuit that writes to
the port overcomes the weak pullup. When software writes a 0 to any port pin, the
DS89C430/DS89C440/DS89C450 activate a strong pulldown that remains on until either
a 1 is written or a reset occurs. Writing a 1 after the port has been at 0 causes a strong
transition driver to turn on, followed by a weaker sustaining pullup. Once the momentary
strong driver turns off, the port again becomes the output high (and input) state. The
alternate functions of port 1 are as follows:
PORT
ALTERNATE
FUNCTION
P1.0
T2
External I/O for Timer/Counter2
P1.1
T2EX
Timer 2 Capture/Reload Trigger
P1.2
RXD1
Serial Port 1 Receive
P1.3
TXD1
Serial Port 1 Transmit
P1.4
INT2
External Interrupt 2 (Positive Edge Detect)
P1.5
INT3
External Interrupt 3 (Negative Edge Detect)
P1.6
INT4
External Interrupt 4 (Positive Edge Detect)
P1.7
INT5
External Interrupt 5 (Negative Edge Detect)
21
24
18
P2.0 (A8)
22
25
19
P2.1 (A9)
23
26
20
P2.2(A10)
24
27
21
P2.3(A11)
25
28
22
P2.4(A12)
26
29
23
P2.5(A13)
27
30
24
P2.6(A14)
28
31
25
P2.7(A15)
Port 2 (A8ñA15), I/O. Port 2 is an 8-bit, bidirectional I/O port. The reset condition of port 2
is logic high. In this state, a weak pullup holds the port high. This condition also serves as
an input mode, since any external circuit that writes to the port overcomes the weak
pullup. When software writes a 0 to any port pin, the DS89C430/DS89C440/DS89C450
activate a strong pulldown that remains on until either a 1 is written or a reset occurs.
Writing a 1 after the port has been at 0 causes a strong transition driver to turn on,
followed by a weaker sustaining pullup. Once the momentary strong driver turns off, the
port again becomes both the output high and input state. As an alternate function, port 2
can function as the MSB of the external address bus when reading external program
memory and read/write external RAM or peripherals. In page mode 1, port 2 provides both
the MSB and LSB of the external address bus. In page mode 2, it provides the MSB and
data.
10
11
5
P3.0
11
13
7
P3.1
12
14
8
P3.2
13
15
9
P3.3
14
16
10
P3.4
15
17
11
P3.5
16
18
12
P3.6
17
19
13
P3.7
Port 3, I/O. Port 3 functions as both an 8-bit, bidirectional I/O port and an alternate
functional interface for external interrupts, serial port 0, timer 0 and 1 inputs, and
RD and
WR strobes. The reset condition of port 3 is with all bits at a logic 1. In this state, a weak
pullup holds the port high. This condition also serves as an input mode, since any external
circuit that writes to the port overcomes the weak pullup. When software writes a 0 to any
port pin, the DS89C430/DS89C440/DS89C450 activate a strong pulldown that remains on
until either a 1 is written or a reset occurs. Writing a 1 after the port has been at 0 causes
a strong transition driver to turn on, followed by a weaker sustaining pullup. Once the
momentary strong driver turns off, the port again becomes both the output high and input
state. The alternate modes of port 3 are as follows:
PORT
ALTERNATE
FUNCTION
P3.0
RXD0
Serial Port 0 Receive
P3.1
TXD0
Serial Port 0 Transmit
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0
Timer 0 External Input
P3.5
T1
Timer 1 External Input
P3.6
WR
External Data Memory Write Strobe
P3.7
RD
External Data Memory Read Strobe
31
35
29
EA
External Access. Allows selection of internal or external program memory. Connect to
ground to force the DS89C430/DS89C440/DS89C450 to use an external memory program
memory. The internal RAM is still accessible as determined by register settings. Connect
to VCC to use internal flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com