Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKUEV Datasheet(PDF) 65 Page - ATMEL Corporation

Part # T84C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKUEV Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button T84C5112-RKUEV Datasheet HTML 61Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 62Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 63Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 64Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 65Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 66Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 67Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 68Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
Rev. B - November 10, 2000
65
Preliminary
T80C5112
15. Interrupt System
The T80C5112 has a total of 8 interrupt vectors: two external interrupts (INT0 and INT1), two timer interrupts
(timers 0, 1), serial port interrupt, PCA, SPI and A/D. These interrupts are shown in Figure 32..
Figure 32. Interrupt Control System
Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt
Enable register (See Table 42.). This register also contains a global disable bit, which must be cleared to disable
all interrupts at once.
Each interrupt source can also be individually programmed to one of four priority levels by setting or clearing a
bit in the Interrupt Priority register (See Table 44.) and in the Interrupt Priority High register (See Table 46.).
Table 40. shows the bit values and priority levels associated with each combination.
IE1
0
3
High priority
interrupt
Interrupt
polling
sequence
Low priority
interrupt
Global
disable
Individual
enable
TI
RI
TF0
INT0
INT1
TF1
IPH, IP
IE0
0
3
0
3
0
3
0
3
0
3
NC
SPI
0
3
ADC
0
3
0
3
CF
CCFx
PCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com