Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKUEV Datasheet(PDF) 48 Page - ATMEL Corporation

Part # T84C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKUEV Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button T84C5112-RKUEV Datasheet HTML 44Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 45Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 46Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 47Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 48Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 49Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 50Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 51Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
48
Rev. B - November 10, 2000
Preliminary
T80C5112
12.4.5.3. Serial Peripheral DATa register (SPDAT)
The Serial Peripheral Data Register (Table 25) is a read/write buffer for the receive data register. A write to SPDAT
places data directly into the shift register. No transmit buffer is available in this model.
A Read of the SPDAT returns the value located in the receive buffer and not the content of the shift register.
Table 25. Serial Peripheral Data Register
Reset Value= XXXX XXXXb
R7:R0 : Receive data bits
SPCON, SPSTA and SPDAT registers may be read and written at any time while there is no on-going exchange.
However, special care should be taken when writing to them while a transmission is on-going:
·
Do not change SPR2, SPR1 and SPR0
·
Do not change CPHA and CPOL
·
Do not change MSTR
·
Clearing SPEN would immediately disable the peripheral
·
Writing to the SPDAT will cause an overflow
7
6
5
4
3
2
1
0
R7
R6
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com