Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T84C5112-RKUEV Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T84C5112-RKUEV
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T84C5112-RKUEV Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T84C5112-RKUEV Datasheet HTML 41Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 42Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 43Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 44Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 45Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 46Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 47Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 48Page - ATMEL Corporation T84C5112-RKUEV Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
Rev. B - November 10, 2000
45
Preliminary
T80C5112
12.4.3. Error conditions
The following flags in the SPSTA signal SPI error conditions:
12.4.3.1. Mode Fault (MODF)
MODe Fault error in Master mode SPI indicates that the level on the Slave Select (SS) pin is inconsistent with
the actual mode of the device. MODF is set to warn that there may have a multi-master conflict for system control.
In this case, the SPI system is affected in the following ways:
·
An SPI receiver/error CPU interrupt request is generated.
·
The SPEN bit in SPCON is cleared. This disable the SPI.
·
The MSTR bit in SPCON is cleared.
When SS DISable (SSDIS) bit in the SPCON register is cleared, the MODF flag is set when the SS signal becomes Õ0Õ.
However, as stated before, for a system with one Master, if the SS pin of the Master device is pulled low, there
is no way that another Master is attempting to drive the network. In this case, to prevent the MODF flag from
being set, software can set the SSDIS bit in the SPCON register and therefore making the SS pin as a general
purpose I/O pin.
Clearing the MODF bit is accomplished by a read of SPSTA register with MODF bit set, followed by a write to
the SPCON register. SPEN Control bit may be restored to its original set state after the MODF bit has been cleared.
12.4.3.2. Write Collision (WCOL)
A Write COLlision (WCOL) flag in the SPSTA is set when a write to the SPDAT register is done during a transmit
sequence.
WCOL does not cause an interruption, and the transfer continues uninterrupted.
Clearing the WCOL bit is done through a software sequence of an access to SPSTA and an access to SPDAT.
12.4.3.3. Overrun Condition
An overrun condition occurs when the Master device tries to send several data bytes and the Slave devise has not
cleared the SPIF bit issuing from the previous data byte transmitted. In this case, the receiver buffer contains the
byte sent after the SPIF bit was last cleared. A read of the SPDAT returns this byte. All others bytes are lost.
This condition is not detected by the SPI peripheral.
12.4.4. Interrupts
Two SPI status flags can generate a CPU interrupt requests:
Table 22. SPI Interrupts
Serial Peripheral data transfer flag, SPIF: This bit is set by hardware when a transfer has been completed. SPIF
bit generates transmitter CPU interrupt requests.
Mode Fault flag, MODF: This bit becomes set to indicate that the level on the SS is inconsistent with the mode
of the SPI. MODF with SSDIS reset, generates receiver/error CPU interrupt requests.
Figure 21 gives a logical view of the above statements:
Flag
Request
SPIF (SP data transfer)
SPI Transmitter Interrupt request
MODF (Mode Fault)
SPI Receiver/Error Interrupt Request (if SSDIS = Õ0Õ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com