Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2000 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 67Page - Infineon Technologies AG XC2000 Datasheet HTML 68Page - Infineon Technologies AG XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Functional Description
Preliminary
Data Sheet
69
V0.91, 2007-02
Draft Version
3.17
Instruction Set Summary
Table 8 lists the instructions of the XC228x in a condensed way.
The various addressing modes that can be used with a specific instruction, the operation
of the instructions, parameters for conditional execution of instructions, and the opcodes
for each instruction can be found in the “Instruction Set Manual”.
This document also provides a detailed description of each instruction.
Table 8
Instruction Set Summary
Mnemonic
Description
Bytes
ADD(B)
Add word (byte) operands
2 / 4
ADDC(B)
Add word (byte) operands with Carry
2 / 4
SUB(B)
Subtract word (byte) operands
2 / 4
SUBC(B)
Subtract word (byte) operands with Carry
2 / 4
MUL(U)
(Un)Signed multiply direct GPR by direct GPR
(16-
× 16-bit)
2
DIV(U)
(Un)Signed divide register MDL by direct GPR (16-/16-bit) 2
DIVL(U)
(Un)Signed long divide reg. MD by direct GPR (32-/16-bit) 2
CPL(B)
Complement direct word (byte) GPR
2
NEG(B)
Negate direct word (byte) GPR
2
AND(B)
Bitwise AND, (word/byte operands)
2 / 4
OR(B)
Bitwise OR, (word/byte operands)
2 / 4
XOR(B)
Bitwise exclusive OR, (word/byte operands)
2 / 4
BCLR/BSET
Clear/Set direct bit
2
BMOV(N)
Move (negated) direct bit to direct bit
4
BAND/BOR/BXOR
AND/OR/XOR direct bit with direct bit
4
BCMP
Compare direct bit to direct bit
4
BFLDH/BFLDL
Bitwise modify masked high/low byte of bit-addressable
direct word memory with immediate data
4
CMP(B)
Compare word (byte) operands
2 / 4
CMPD1/2
Compare word data to GPR and decrement GPR by 1/2
2 / 4
CMPI1/2
Compare word data to GPR and increment GPR by 1/2
2 / 4
PRIOR
Determine number of shift cycles to normalize direct
word GPR and store result in direct word GPR
2
SHL/SHR
Shift left/right direct word GPR
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com