Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2000 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 13Page - Infineon Technologies AG XC2000 Datasheet HTML 14Page - Infineon Technologies AG XC2000 Datasheet HTML 15Page - Infineon Technologies AG XC2000 Datasheet HTML 16Page - Infineon Technologies AG XC2000 Datasheet HTML 17Page - Infineon Technologies AG XC2000 Datasheet HTML 18Page - Infineon Technologies AG XC2000 Datasheet HTML 19Page - Infineon Technologies AG XC2000 Datasheet HTML 20Page - Infineon Technologies AG XC2000 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
General Device Information
Preliminary
Data Sheet
15
V0.91, 2007-02
Draft Version
56
P2.1
O0 / I St/B
Bit 1 of Port 2, General Purpose Input/Output
TxDC0
O1
St/B
CAN Node 0 Transmit Data Output
CCU63_
CC61
O2 / I St/B
CCU63 Channel 1 Input/Output
AD14
OH / I St/B
External Bus Interface Address/Data Line 14
EX0AINA
I
St/B
External Interrupt Trigger Input
57
P11.4
O0 / I St/B
Bit 4 of Port 11, General Purpose Input/Output
58
P2.2
O0 / I St/B
Bit 2 of Port 2, General Purpose Input/Output
TxDC1
O1
St/B
CAN Node 1 Transmit Data Output
CCU63_
CC62
O2 / I St/B
CCU63 Channel 2 Input/Output
AD15
OH / I St/B
External Bus Interface Address/Data Line 15
EX1AINA
I
St/B
External Interrupt Trigger Input
59
P11.3
O0 / I St/B
Bit 3 of Port 11, General Purpose Input/Output
60
P4.0
O0 / I St/B
Bit 0 of Port 4, General Purpose Input/Output
CC2_8
O3 / I St/B
CAPCOM2 CC8IO Capture Inp./ Compare Out.
CS0
OH
St/B
External Bus Interface Chip Select 0 Output
61
P2.3
O0 / I St/B
Bit 3 of Port 2, General Purpose Input/Output
U0C0_DOUT
O1
St/B
USIC0 Channel 0 Shift Data Output
CCU63_
COUT63
O2
St/B
CCU63 Channel 3 Output
CC2_0
O3 / I St/B
CAPCOM2 CC0IO Capture Inp./ Compare Out.
A16
OH
St/B
External Bus Interface Address Line 16
U0C0_DX0E
I
St/B
USIC0 Channel 0 Shift Data Input
U0C1_DX0D
I
St/B
USIC0 Channel 1 Shift Data Input
Note: Not available in step AA.
RxDC0A
I
St/B
CAN Node 0 Receive Data Input
62
P11.2
O0 / I St/B
Bit 2 of Port 11, General Purpose Input/Output
CCU63_
CCPOS2A
I
St/B
CCU63 Position Input 2
Table 2
Pin Definitions and Functions (cont’d)
Pin
Symbol
Ctrl.
Type Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com