Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC2000 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 110 page
background image
XC2287 / XC2286 / XC2285
XC2000 Family Derivatives
Electrical Parameters
Preliminary
Data Sheet
93
V0.91, 2007-02
Draft Version
4.4.5
External Bus Timing
The following parameters define the behavior of the XC228x’s bus interface.
Figure 19
CLKOUT Signal Timing
Note: The term CLKOUT refers to the reference clock output signal which is generated
by selecting
f
SYS as source signal for the clock output signal EXTCLK on pin P2.8
and by enabling the high-speed clock driver on this pin.
Table 20
CLKOUT Reference Signal
Parameter
Symbol
Limits
Unit
Min.
Max.
CLKOUT cycle time
tc
5
CC
40/25/15
1)
1) The CLKOUT cycle time is influenced by the PLL jitter (given values apply to
f
CPU = 25/40/66 MHz).
For longer periods the relative deviation decreases (see PLL deviation formula).
ns
CLKOUT high time
tc
6
CC
3
–
ns
CLKOUT low time
tc
7
CC
3
–
ns
CLKOUT rise time
tc
8
CC
–
3
ns
CLKOUT fall time
tc
9
CC
–
3
ns
MCT05571
CLKOUT
t
C5
t
C6
t
C7
t
C8
t
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com