Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6374FP
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374FP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6374FP Datasheet HTML 2Page - STMicroelectronics L6374FP Datasheet HTML 3Page - STMicroelectronics L6374FP Datasheet HTML 4Page - STMicroelectronics L6374FP Datasheet HTML 5Page - STMicroelectronics L6374FP Datasheet HTML 6Page - STMicroelectronics L6374FP Datasheet HTML 7Page - STMicroelectronics L6374FP Datasheet HTML 8Page - STMicroelectronics L6374FP Datasheet HTML 9Page - STMicroelectronics L6374FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Thermal characteristics
L6374
6/19
4
Thermal characteristics
4.1
RthJP
The reference point is the knee on the four central pins, where the pins are upwardly bent
and the soldering joint with the PCB footprint can be made.
4.2
RthJA1
If a dissipating surface, thick at least 35
µm, and with a surface similar or bigger than the
one shown, is created making use of the printed circuit. Such heatsinking surface is
considered on the bottom side of an horizontal PCB (worst case).
4.3
RthJA2
If the power dissipating pins (the four central ones), as well as the others, have a minimum
thermal connection with the external world (very thin strips only) so that the dissipation
takes place through still air and through the PCB itself.
It is the same situation of point above, without any heatsinking surface created on purpose
on the board.
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJP
Thermal resistance, junction to pin
17
°C/W
RthJA1
Thermal resistance, junction to ambient
(see thermal characteristics)
65
°C/W
RthJA2
Thermal resistance, junction to ambient
(see thermal characteristics)
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com