Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6374FP
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374FP Datasheet(HTML) 1 Page - STMicroelectronics

  L6374FP Datasheet HTML 1Page - STMicroelectronics L6374FP Datasheet HTML 2Page - STMicroelectronics L6374FP Datasheet HTML 3Page - STMicroelectronics L6374FP Datasheet HTML 4Page - STMicroelectronics L6374FP Datasheet HTML 5Page - STMicroelectronics L6374FP Datasheet HTML 6Page - STMicroelectronics L6374FP Datasheet HTML 7Page - STMicroelectronics L6374FP Datasheet HTML 8Page - STMicroelectronics L6374FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
March 2008
Rev 3
1/19
19
L6374
Industrial quad line driver
Features
■ Four independent line drivers with 100 mA up
to 35 V outputs
■ Input signals between - 7 V and + 35 V, with
pre-setting threshold
■ Push-pull outputs with three state control and
true zero current between Vs and ground
■ Current limiting on each output effective in the
full "ground to Vs" output voltage range
■ Output voltage clamp to Vs and to ground
■ Overtemperature and undervoltage protections
■ Diagnostic for overtemperature, undervoltage
and overcurrent
■ Pre-setting delay for overcurrent diagnostic
■ High speed operation: up to 300 kHz with 35 V
swing
Description
The L6374 is especially designed to be used as a
line driver in industrial control systems based on
the 24 V signal levels (
IEC 61131, 24VDC).
Table 1.
Device summary
Order codes
Package
Packaging
L6374FP
SO-20
Tube
L6374FPT
SO-20
Tape and reel
SO-20
Figure 1.
Block diagram
www.st.com


Similar Part No. - L6374FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6374FP STMICROELECTRONICS-L6374FP Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
More results

Similar Description - L6374FP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
Quad Line Driver
DS14C88 NSC-DS14C88 Datasheet
87Kb / 6P
QUAD CMOS Line Driver
logo
STMicroelectronics
L6374 STMICROELECTRONICS-L6374 Datasheet
179Kb / 13P
INDUSTRIAL QUAD LINE DRIVER
Dec-1994
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
RS232C QUAD LINE DRIVER
Aug-2003
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
QUAD DIFFERENTIAL LINE DRIVER
Nov-1995
logo
Maxim Integrated Produc...
MAX9124 MAXIM-MAX9124 Datasheet
196Kb / 9P
Quad LVDS Line Driver
Rev 0; 4/01
logo
National Semiconductor ...
DS14C88T NSC-DS14C88T Datasheet
143Kb / 6P
QUAD CMOS Line Driver
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
QUAD DIFFERENTIAL LINE DRIVER
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
Quad Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com