Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6374FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6374FP
Description  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374FP Datasheet(HTML) 4 Page - STMicroelectronics

  L6374FP Datasheet HTML 1Page - STMicroelectronics L6374FP Datasheet HTML 2Page - STMicroelectronics L6374FP Datasheet HTML 3Page - STMicroelectronics L6374FP Datasheet HTML 4Page - STMicroelectronics L6374FP Datasheet HTML 5Page - STMicroelectronics L6374FP Datasheet HTML 6Page - STMicroelectronics L6374FP Datasheet HTML 7Page - STMicroelectronics L6374FP Datasheet HTML 8Page - STMicroelectronics L6374FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
L6374
4/19
3
Electrical characteristics
Table 3.
Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
DC operation (VS = 24 V; TJ = -25 to 125 °C; unless otherwise specified)
VS
1
Supply voltage
10.8
35
V
Vsh
UV upperthreshold
9
10.8
V
Hys1
UV hysteresis
250
450
650
mV
Iqsc
Quiescent current
Outputs open
3
5
mA
Vref
11
Input comparators reference
voltage
Reference pin floating
1.05
1.25
1.35
V
Iref
Sink/source current on
reference pin
Vref = 0 V
-30
-20
-10
µA
Vref = 5 V
10
20
30
µA
Vth
7, 8,
9, 10
Comparator threshold with
external bias
VS = 9 to 12 V
-0.2
2.0
V
VS = 12 to 35 V
-0.2
5.0
V
Vil
Input low level
VREF externally biased
-7
VREF
-0.2
V
Pin VREF floating
-7
0.8
V
Vih
Input high level
VREF externally biased
VREF
+0.2
35
V
Pin VREF floating
2
35
V
Vi
Input voltage (operative range)
-7
35
V
Ibias
Input bias current
0 < Vi < VS
-1
1
µA
Vi = -7 V
-1
-0.5
-0.1
mA
Hys2
Input comparators hysteresis
See analog inputs sections
100
200
350
mV
Th
OVT upper threshold
170
°C
HT
OVT hysteresis
20
°C
Isc
3, 4,
17,
18
Current limit
Vi = -7 to VS; Vout = 0 to VS;
110
200
300
mA
Von
Internal voltage drop @ rated
current
Iout = ±100mA; sourced @ high
output, sunk @
low output TJ = 125 °C
400
600
mV
Same, TJ = 25 °C
250
400
mV
Ilkg
Output 3-state leakage current
Vout = 0 to VS
-25
25
µA
Vin
12
Push-pull mode request
-0.2
0.8
V
3-state mode request
2
5.5
V
Iin
Input current
Vi = 0 V
10
25
µA
Idlkg
14
Diagnostic output leakage
Diagnostic OFF; Vdiag = 24 V
5
µA
Vdiag
Diagnostic output voltage drop
Idiag = 5 mA
200
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com