Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6375D
Description  0.5A high-side driver industrial intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6375D Datasheet HTML 5Page - STMicroelectronics L6375D Datasheet HTML 6Page - STMicroelectronics L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics L6375D Datasheet HTML 10Page - STMicroelectronics L6375D Datasheet HTML 11Page - STMicroelectronics L6375D Datasheet HTML 12Page - STMicroelectronics L6375D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6375D
Electrical specifications
9/16
2.8
Over current operation
In order to implement a short circuit protection the output power MOS is driven in linear
mode to limit the output current to the Isc (1.1A typical value). This condition (current limited
to the Isc value) lasts for a Ton time interval, that can be set by means of a capacitor (Cdon)
connected to the ON DELAY pin according to the following formula:
Ton = 1.28 µsec/pF
for
50pF< Cdon < 2nF
After the Ton interval has expired the output power MOS is switched off for the Toff time
interval with:
Toff = 64 ·Ton.
When also the Toff interval has expired, the out-put power MOS is switched ON. At this point
in time two conditions may occur
a)
The overloadis still present, and then the output power MOS is again driven in
linear mode (limiting the output current to ISC) for another TON, starting a new
cycle, or
b)
the over load the overload condition is removed, and the output power MOS is no
longer driven in linear mode. All these occurrences are presented on the DIAG2
pin (see fig 2).
We call this unique feature Non Dissipative Short Circuit Protection and it ensures a very
safe operation even in permanent overload conditions. Note that choosing the most
appropriate value for the Ton interval (i.e. the value of the Cdon capacitor) a delay (the Ton
itself) will prevent that a misleading Short Circuit information is presented on the DIAG2
output, when driving capacitive loads (that acts like short circuit in the very beginning)
or Incandescent Lamp (a cold filament has a very low resistive value). The Non Dissipative
Short Circuit Protection can be disabled (keeping Ton = 0 but with the output current still
limited to Isc, and Diagnostic disabled) simply shorting to ground the the ON DELAY pin.
Figure 4.
Non dissipative short circuit protection operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com