Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6375D
Description  0.5A high-side driver industrial intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 5 Page - STMicroelectronics

  L6375D Datasheet HTML 1Page - STMicroelectronics L6375D Datasheet HTML 2Page - STMicroelectronics L6375D Datasheet HTML 3Page - STMicroelectronics L6375D Datasheet HTML 4Page - STMicroelectronics L6375D Datasheet HTML 5Page - STMicroelectronics L6375D Datasheet HTML 6Page - STMicroelectronics L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6375D
Electrical specifications
5/16
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 4.
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Supply voltage (tw < 10 ms)
50
V
Vs
Supply voltage (DC)
40
V
Vs -Vout
Supply to output differential voltage
internally limited
V
Vod
Externally forced voltage
-0.3 to 7
V
Iod
Externally forced current
±1
mA
Iout
Output current (see also Isc)
internally limited
A
Vout
Output voltage
internally limited
V
P
TOT
Power dissipation
internally limited
W
Vdiag
External voltage
-0.3 to 40
V
Idiag
Externally forced current
-10 to 10
mA
Ii
Input current
20
mA
Vi
Input voltage
-10 to Vs +0.3
V
Top
Ambient temperature, operating range
-25 to 85
°C
TJ
Junction temperature, operating range
(see Overtemperature Protection)
-25 to 125
°C
TSTG
Storage temperature
-55 to 150
°C
EI
Energy inductive load TJ = 85°C
200
mJ
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance Junction-ambient
Max (1)
1.
When mounted on a FR4 printed circuit board with 0.5 cm2 of Cu (at least 35mm thick)
65
°C/W
RthJP
Thermal resistance Junction-pins
Max
15
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com