Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6375D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6375D
Description  0.5A high-side driver industrial intelligent power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics L6375D Datasheet HTML 10Page - STMicroelectronics L6375D Datasheet HTML 11Page - STMicroelectronics L6375D Datasheet HTML 12Page - STMicroelectronics L6375D Datasheet HTML 13Page - STMicroelectronics L6375D Datasheet HTML 14Page - STMicroelectronics L6375D Datasheet HTML 15Page - STMicroelectronics L6375D Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package mechanical data
L6375D
14/16
Table 8.
SO20 mechanical data
Figure 9.
Package dimensions
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0° (min.)8° (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com