Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6392 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6392
Description  High-voltage high and low side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6392 Datasheet HTML 3Page - STMicroelectronics L6392 Datasheet HTML 4Page - STMicroelectronics L6392 Datasheet HTML 5Page - STMicroelectronics L6392 Datasheet HTML 6Page - STMicroelectronics L6392 Datasheet HTML 7Page - STMicroelectronics L6392 Datasheet HTML 8Page - STMicroelectronics L6392 Datasheet HTML 9Page - STMicroelectronics L6392 Datasheet HTML 10Page - STMicroelectronics L6392 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L6392
Electrical characteristics
7/19
5
Electrical characteristics
5.1
AC operation
Figure 3.
Timing characteristics
Table 7.
AC operation electrical characteristics (VCC = 15V; TJ =+25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ton
1 vs 10
3 vs 13
High/low side driver turn-
on propagation delay
Vout = 0 V
Vboot = Vcc
CL = 1nF
Vi = 0 to 3.3 V
See Figure 3 on page 7
125
ns
toff
High/low side driver turn-
off propagation delay
125
ns
tsd
2 vs
10, 13
Shut down to high/low
side propagation delay
125
ns
MT
Delay matching, HS and
LS turn-on/off
40
ns
dt
5
Dead time setting range
Rdt=0; CL=1 nF; CDT =100 nF
Rdt=37 kΩ;CL=1 nF;CDT=100 nF
Rdt=136 kΩ;CL=1 nF;CDT=100 nF
Rdt=260 kΩ;CL=1 nF;CDT=100 nF
0.15
0.5
1.5
2.8
µs
µs
µs
µs
MDT
Matching dead time
Rdt=0 Ω; CL=1 nF; CDT =100 nF
Rdt=37 kΩ;CL=1 nF;CDT=100 nF
Rdt=136 kΩ;CL=1 nF;CDT=100 nF
Rdt=26 0kΩ;CL=1 nF;CDT=100 nF
60
TBD
TBD
TBD
ns
ns
ns
ns
tr
10, 13
Rise time
CL = 1 nF
75
ns
tf
Fall time
CL = 1 nF
35
ns
HIN
HVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
SD
LVG/HVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%
LIN
LVG
50%
10%
90%
50%
tr
tf
ton
toff
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com