Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6392 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6392
Description  High-voltage high and low side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6392 Datasheet HTML 5Page - STMicroelectronics L6392 Datasheet HTML 6Page - STMicroelectronics L6392 Datasheet HTML 7Page - STMicroelectronics L6392 Datasheet HTML 8Page - STMicroelectronics L6392 Datasheet HTML 9Page - STMicroelectronics L6392 Datasheet HTML 10Page - STMicroelectronics L6392 Datasheet HTML 11Page - STMicroelectronics L6392 Datasheet HTML 12Page - STMicroelectronics L6392 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L6392
Electrical characteristics
9/19
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ILK
High voltage leakage
current
Vhvg = Vout = Vboot = 600 V
10
µA
Rdson
Bootstrap driver on
resistance (1)
LVG ON
120
Driving buffers section
Iso
10, 13
High/low side source
short circuit current
Vi= Vih (tp < 10 ms)
270
mA
Isi
High/low side sink short
circuit current
Vi= Vil (tp < 10 ms)
430
mA
Logic inputs
Vil
1, 2, 3
Low level logic threshold
voltage
0.83
V
Vih
High level logic threshold
voltage
2.21
V
IHINh
3
HIN logic “1” input bias
current
HIN = 15 V
175
260
µA
IHINl
HIN logic “0” input bias
current
HIN = 0 V
1
µA
ILINh
1
LIN logic “1” input bias
current
LIN = 0 V
6
40
µA
ILINl
LIN logic “0” input bias
current
LIN = 15 V
1
µA
ISDh
2
SD logic “1” input bias
current
SD = 15 V
30
100
µA
ISDl
SD logic “0” input bias
current
SD = 0 V
1
µA
1.
RDSon is tested in the following way:
RDSon = [(VCC - VCBOOT1) - (VCC - VCBOOT2)] / [I1(VCC,VCBOOT1) - I2(VCC,VCBOOT2)] where I1 is pin 16 current when
VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2
Table 8.
DC operation electrical characteristics (VCC = 15 V;TJ = +25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com