Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6392 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6392
Description  High-voltage high and low side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6392 Datasheet HTML 6Page - STMicroelectronics L6392 Datasheet HTML 7Page - STMicroelectronics L6392 Datasheet HTML 8Page - STMicroelectronics L6392 Datasheet HTML 9Page - STMicroelectronics L6392 Datasheet HTML 10Page - STMicroelectronics L6392 Datasheet HTML 11Page - STMicroelectronics L6392 Datasheet HTML 12Page - STMicroelectronics L6392 Datasheet HTML 13Page - STMicroelectronics L6392 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
L6392
10/19
Table 9.
OPAMP characteristics (VCC = 15 V, TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Vio
8, 9
Input offset voltage
VO = TBD;
0 < Vicm < VCC -TBD
3mV
Iib
Input bias current (1)
15
200
nA
Vicm
Input common mode voltage
range
0
VCC -
TBD
VOL
6
Output voltage swing - low
level
Isink = 3.5 mA, RL = 2 kΩ
180
360
mV
VOH
Output voltage swing - high
level
Isource = 3.5 mA,
RL = 2 kΩ
13.5
14.3
V
Io
Output short circuit current
Source,
Vid = TBD; Vo = TBD
16
30
mA
Sink
Vid = TBD; Vo = TBD
50
80
mA
SR
Slew rate
Vi = TBD; RL = 2 kΩ;
CL = TBD; unity gain
2.5
3.8
V/
µs
GBWP
Gain bandwith product
Vo = TBD; RL = 2 kΩ
TBD
MHz
Avd
Large signal voltage gain
85
95
dB
SRV
Power supply rejection ratio
vs Vcc
85
dB
CMRR
Common mode rejection
ratio
80
100
dB
1.
The direction of input current is out of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com