Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT46
Description  Small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46 Datasheet(HTML) 2 Page - STMicroelectronics

  BAT46 Datasheet HTML 1Page - STMicroelectronics BAT46 Datasheet HTML 2Page - STMicroelectronics BAT46 Datasheet HTML 3Page - STMicroelectronics BAT46 Datasheet HTML 4Page - STMicroelectronics BAT46 Datasheet HTML 5Page - STMicroelectronics BAT46 Datasheet HTML 6Page - STMicroelectronics BAT46 Datasheet HTML 7Page - STMicroelectronics BAT46 Datasheet HTML 8Page - STMicroelectronics BAT46 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
BAT46 Series
2/11
1
Characteristics
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF
Continuous forward current
150
mA
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
1
A
Tstg
Storage temperature range
-65 to +150
° C
Tj
Maximum operating junction temperature (1)
150
° C
TL
Maximum soldering temperature(1)
260
° C
1.
Pulse test: tp = 380 µs, δ < 2 %
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
SOD-123, SOT-23
500
°C/W
SOT-323, SOD-323,
550
1.
On epoxy printed circuit board with recommended pad layout
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = 1.5 V
0.5
µA
VR = 10 V
0.8
VR = 50 V
2
VR = 75 V
5
Tj = 60° C
VR = 1.5 V
5
VR = 10 V
7.5
VR = 50 V
15
VR = 75 V
20
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 0.1 mA
0.25
V
IF =10 mA
0.45
IF =250 mA
1
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Table 4.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
C
Diode capacitance
VR = 0 V, F = 1 MHz
10
pF
VR = 1 V, F = 1 MHz
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com