Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT46
Description  Small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46 Datasheet(HTML) 4 Page - STMicroelectronics

  BAT46 Datasheet HTML 1Page - STMicroelectronics BAT46 Datasheet HTML 2Page - STMicroelectronics BAT46 Datasheet HTML 3Page - STMicroelectronics BAT46 Datasheet HTML 4Page - STMicroelectronics BAT46 Datasheet HTML 5Page - STMicroelectronics BAT46 Datasheet HTML 6Page - STMicroelectronics BAT46 Datasheet HTML 7Page - STMicroelectronics BAT46 Datasheet HTML 8Page - STMicroelectronics BAT46 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
BAT46 Series
4/11
Figure 7.
Forward voltage drop versus
forward current (typical values,
high-level)
Figure 8.
Relative variation of thermal
impedance junction to ambient
versus pulse duration - printed
circuit board, epoxy FR4
eCU = 35 µm (SOD-323)
1.E-02
1.E-01
1.E+00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IFM(A)
Tj=125 °C
Tj=25 °C
VFM(V)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOD-323
Epoxy FR4
S
CU=2.25 mm²
e
CU=35 µm
tP(s)
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration -
aluminium oxide substrate
10 mm x 8 mm x 0.5 mm (SOT-23)
Figure 10.
Variation of thermal impedance
junction to ambient versus pulse
duration - printed circuit board,
epoxy FR4, eCU = 35 µm (SOT-323)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under each lead, epoxy FR4,
eCU = 35 µm (SOD-323)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)/Rth(j-a)
Single pulse
SOT-23
Alumine substrate
10 x 8 x 0.5 mm
tP(s)
10
100
1000
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
th(j-a)(°C/W)
Single pulse
SOT-323
tP(s)
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
R
th(j-a) (°C/W)
SCU(mm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com