Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAT46
Description  Small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT46 Datasheet(HTML) 3 Page - STMicroelectronics

  BAT46 Datasheet HTML 1Page - STMicroelectronics BAT46 Datasheet HTML 2Page - STMicroelectronics BAT46 Datasheet HTML 3Page - STMicroelectronics BAT46 Datasheet HTML 4Page - STMicroelectronics BAT46 Datasheet HTML 5Page - STMicroelectronics BAT46 Datasheet HTML 6Page - STMicroelectronics BAT46 Datasheet HTML 7Page - STMicroelectronics BAT46 Datasheet HTML 8Page - STMicroelectronics BAT46 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAT46 Series
Characteristics
3/11
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 1)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
P(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
IF(AV)(A)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
25
50
75
100
125
150
I
F(AV)(A)
T
δ=tp/T
tp
Tamb(°C)
Figure 3.
Reverse leakage current versus
reverse applied voltage (typical
values)
Figure 4.
Reverse leakage current versus
junction temperature
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
10
20
30
40
50
60
70
80
90
100
IR(µA)
Tj=125 °C
Tj=75 °C
Tj=25 °C
Tj=50 °C
Tj=100 °C
VR(V)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
25
50
75
100
125
150
IR(µA)
V
R=75 V
Tj(°C)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values)
Figure 6.
Forward voltage drop versus
forward current (typical values,
low-level)
0
2
4
6
8
10
12
0
10
2030
4050
60
7080
90
100
C(pF)
F=1 MHz
V
OSC=30 mVRMS
Tj=25 °C
VR(V)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
0.6
IFM(mA)
Tj=125 °C
Tj=25 °C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com