Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T00S
Description  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 9Page - STMicroelectronics M41T00S_08 Datasheet HTML 10Page - STMicroelectronics M41T00S_08 Datasheet HTML 11Page - STMicroelectronics M41T00S_08 Datasheet HTML 12Page - STMicroelectronics M41T00S_08 Datasheet HTML 13Page - STMicroelectronics M41T00S_08 Datasheet HTML 14Page - STMicroelectronics M41T00S_08 Datasheet HTML 15Page - STMicroelectronics M41T00S_08 Datasheet HTML 16Page - STMicroelectronics M41T00S_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
M41T00S
Clock operation
13/26
Table 2.
TIMEKEEPER® register map
Keys:
0 = must be set to '0'
CB = century bit
CEB = century enable bit
FT = frequency test bit
OF = oscillator fail bit
OUT = output level
S = sign bit
ST = stop bit
3.2
Calibrating the clock
The M41T00S is driven by a quartz-controlled oscillator with a nominal frequency of 32,768
Hz. The devices are tested not exceed ±35 ppm (parts per million) oscillator frequency error
at 25oC, which equates to about ±1.53 minutes per month (see Figure 10 on page 15).
When the calibration circuit is properly employed, accuracy improves to better than ±2 ppm
at 25°C.
The oscillation rate of crystals changes with temperature. The M41T00S design employs
periodic counter correction. The calibration circuit adds or subtracts counts from the
oscillator divider circuit at the divide by 256 stage, as shown in Figure 11 on page 15. The
number of times pulses which are blanked (subtracted, negative calibration) or split (added,
positive calibration) depends upon the value loaded into the five calibration bits found in the
calibration register. Adding counts speeds the clock up, subtracting counts slows the clock
down.
The calibration bits occupy the five lower order bits (D4-D0) in the calibration register 07h.
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
Sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have one
second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is
loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and so on.
Addr
Function/range BCD format
D7
D6
D5
D4
D3
D2
D1
D0
00h
ST
10 seconds
Seconds
Seconds
00-59
01h
OF
10 minutes
Minutes
Minutes
00-59
02h
CEB
CB
10 hours
Hours (24-hour format)
Century/hours
0-1/00-23
03h
0000
0
Day of week
Day
01-7
04h
0
0
10 date
Date: day of month
Date
01-31
05h
0
0
0
10M
Month
Month
01-12
06h
10 years
Year
Year
00-99
07h
OUT
FT
S
Calibration
Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com