Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T00S
Description  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 16Page - STMicroelectronics M41T00S_08 Datasheet HTML 17Page - STMicroelectronics M41T00S_08 Datasheet HTML 18Page - STMicroelectronics M41T00S_08 Datasheet HTML 19Page - STMicroelectronics M41T00S_08 Datasheet HTML 20Page - STMicroelectronics M41T00S_08 Datasheet HTML 21Page - STMicroelectronics M41T00S_08 Datasheet HTML 22Page - STMicroelectronics M41T00S_08 Datasheet HTML 23Page - STMicroelectronics M41T00S_08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
DC and AC parameters
M41T00S
20/26
Table 9.
Power down/up AC characteristics
Table 10.
Power down/up trip points DC characteristics
Figure 14.
Bus timing requirements sequence
Symbol
Parameter(1)(2)
1.
VCC fall time should not exceed 5 mV/µs.
2.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5 V (except where noted).
Min
Typ
Max
Unit
tPD
SCL and SDA at VIH before power down
0
nS
trec
SCL and SDA at VIH after power up
10
µS
Sym
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5 V (except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect
2.5
2.6
2.7
V
Hysteresis
25
mV
VSO
Battery backup switchover voltage
(VCC < VBAT; VCC < VPFD)
VBAT < VPFD
VBAT
V
VBAT > VPFD
VPFD
V
Hysteresis
40
mV
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com