Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T00S Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T00S
Description  Serial access real-time clock
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 15Page - STMicroelectronics M41T00S_08 Datasheet HTML 16Page - STMicroelectronics M41T00S_08 Datasheet HTML 17Page - STMicroelectronics M41T00S_08 Datasheet HTML 18Page - STMicroelectronics M41T00S_08 Datasheet HTML 19Page - STMicroelectronics M41T00S_08 Datasheet HTML 20Page - STMicroelectronics M41T00S_08 Datasheet HTML 21Page - STMicroelectronics M41T00S_08 Datasheet HTML 22Page - STMicroelectronics M41T00S_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
M41T00S
DC and AC parameters
19/26
Table 7.
DC characteristics
Table 8.
Crystal electrical characteristics
Figure 13.
Power down/up mode AC waveforms
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 5.5 V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
μA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC
±1
μA
ICC1
Supply current
Switch freq = 400 kHz
300
μA
ICC2
Supply current (standby)
SCL = 0Hz
All Inputs
≥ VCC – 0.2 V
≤ VSS + 0.2 V
70
μA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0mA
0.4
V
Output low voltage (open drain)(2)
2.
For FT/OUT pin (open drain).
IOL = 10mA
0.4
V
Pull-up supply voltage (open drain)
FT/OUT
5.5
V
VBAT
(3)
3.
STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Backup supply voltage
2.0
3.5(4)
4.
For rechargeable backup, VBAT (max) may be considered to be VCC.
V
IBAT
Battery supply current
TA = 25°C, VCC = 0 V
Oscillator ON, VBAT = 3 V
0.6
1
µA
Sym
Parameter(1)(2)
1.
Externally supplied if using the SO8 package. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning
Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS
can be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2.
Load capacitors are integrated within the M41T00S. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60(3)
3.
For applications requiring backup supply operation below 2.5 V, RS (max) should be considered 40 kΩ.
k
Ω
CL
Load capacitance
12.5
pF
AI00596
VCC
trec
tPD
VSO
SDA
SCL
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com