Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1480AB
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480AB Datasheet(HTML) 1 Page - STMicroelectronics

  ST1480AB Datasheet HTML 1Page - STMicroelectronics ST1480AB Datasheet HTML 2Page - STMicroelectronics ST1480AB Datasheet HTML 3Page - STMicroelectronics ST1480AB Datasheet HTML 4Page - STMicroelectronics ST1480AB Datasheet HTML 5Page - STMicroelectronics ST1480AB Datasheet HTML 6Page - STMicroelectronics ST1480AB Datasheet HTML 7Page - STMicroelectronics ST1480AB Datasheet HTML 8Page - STMicroelectronics ST1480AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2007
Rev 3
1/22
22
ST1480AB
ST1480AC
3.3 V powered, 15 kV ESD protected,
up to 12 Mbps true RS-485/RS-422 transceiver
Features
ESD protection
– ±15 kV human body model
– ±8 kV IEC 1000-4-2 contact discharge
Operate from a single 3.3 V supply - no charge
pump required
Interoperable with 5 V logic
1 µA low current shutdown mode max
Guaranteed 12 Mbps data rate
-7 to 12 common mode input voltage range
Half duplex versions available
Industry standard 75176 pinout
Current limiting and thermal shutdown for
driver overload protection
Guaranteed high receiver output state for
floating, shorted or terminated inputs with no
signal present
Allow up to 64 transceivers on the bus
Description
The ST1480A is ±15 kV ESD protected, 3.3 V low
power transceiver for RS-485 and RS-422
communications. The device contains one driver
and one receiver in half duplex configuration.
The ST1480A transmits and receives at a
guaranteed data rate of at least 12 Mbps.
All transmitter outputs and receiver inputs are
protected to ±15 kV using Human Body Model.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high-impedance state.
The ST1480A input has a true fail-safe feature
that guarantees a logic high output if both inputs
are open circuit, shorted together or in the
presence of a termination with no signal on the
bus.
SO-8
DIP-8
Figure 1.
Device summary
Part number
Temperature range
Package
Packaging
ST1480ACN
0 to 70 °C
DIP-8
50 parts per tube / 40 tube per box
ST1480ACDR
0 to 70 °C
SO-8 (tape & reel)
2500 parts per reel
ST1480ABDR
-40 to 85 °C
SO-8 (tape & reel)
2500 parts per reel
www.st.com


Similar Part No. - ST1480AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480ABDR STMICROELECTRONICS-ST1480ABDR Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST1480ABN STMICROELECTRONICS-ST1480ABN Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
More results

Similar Description - ST1480AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com