Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485ECN Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3485ECN
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485ECN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3485ECN Datasheet HTML 3Page - STMicroelectronics ST3485ECN Datasheet HTML 4Page - STMicroelectronics ST3485ECN Datasheet HTML 5Page - STMicroelectronics ST3485ECN Datasheet HTML 6Page - STMicroelectronics ST3485ECN Datasheet HTML 7Page - STMicroelectronics ST3485ECN Datasheet HTML 8Page - STMicroelectronics ST3485ECN Datasheet HTML 9Page - STMicroelectronics ST3485ECN Datasheet HTML 10Page - STMicroelectronics ST3485ECN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ST3485EB - ST3485EC
Electrical characteristics
7/22
Table 10.
Receiver electrical characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred
to TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTH
Receiver differential
threshold voltage
VCM = -7V to 12V, DE = 0
-0.2
0.2
V
ΔVTH
Receiver input hysteresis
VCM = 0V
70
V
VOH
Receiver output high
voltage
IOUT = -4mA, VID = 200mV
(Figure 8 and Figure 9)
2V
VOL
Receiver output low
voltage
IOUT = 4mA, VID = -200mV, (Figure 3)0.4
V
IOZR
3-State (high impedance)
output current at receiver
VCC = 3.6V, VO = 0V to VCC
± 1µA
RRIN
Receiver input resistance
VCM = -7V to 12V
24
k
Ω
IOSR
Receiver short-circuit
current
VRO = 0V to VCC
760
mA
Table 11.
Driver switching characteristics
VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless otherwise specified. Typical values are referred
to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
12
15
Mbps
tDD
Differential output delay
RL= 60Ω, CL = 15pF, (Figure 4 and
Figure 5)
18
30
ns
tTD
Differential output
transition time
RL= 60Ω, CL = 15pF, (Figure 4 and
Figure 5)
12
20
ns
tPLH
tPHL
Propagation delay
RL= 27Ω, CL = 15pF, (Figure 8 and
Figure 9)
18
30
ns
tPDS
|tPLH - tPHL| Propagation
delay skew (Note 2)
RL= 27Ω, CL = 15pF, (Figure 8 and
Figure 9)
25
ns
tPZL
Output enable time
RL= 110Ω, (Figure 10 and Figure 11)19
35
ns
tPZH
Output enable time
RL= 110Ω, (Figure 6 and Figure 7)30
50
ns
tPHZ
Output disable time
RL= 110Ω, (Figure 6 and Figure 7)19
35
ns
tPLZ
Output disable time
RL= 110Ω, (Figure 10 and Figure 11)30
50
ns
tSKEW
Differential output delay
skew
13
ns
tZH(SHDN)
Driver enable from
shutdown to output high
30
50
ns
tZL(SHDN)
Driver enable from
shutdown to output low
19
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com