Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485ECN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3485ECN
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485ECN Datasheet(HTML) 1 Page - STMicroelectronics

  ST3485ECN Datasheet HTML 1Page - STMicroelectronics ST3485ECN Datasheet HTML 2Page - STMicroelectronics ST3485ECN Datasheet HTML 3Page - STMicroelectronics ST3485ECN Datasheet HTML 4Page - STMicroelectronics ST3485ECN Datasheet HTML 5Page - STMicroelectronics ST3485ECN Datasheet HTML 6Page - STMicroelectronics ST3485ECN Datasheet HTML 7Page - STMicroelectronics ST3485ECN Datasheet HTML 8Page - STMicroelectronics ST3485ECN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 2007
Rev 5
1/22
22
ST3485EB
ST3485EC
3.3 V powered, 15 kV ESD protected,
up to 12 Mbps RS-485/RS-422 transceiver
Features
■ ESD protection
– ±15 kV human body model
– ±8 kV IEC 1000-4-2 contact discharge
■ Operate from a single 3.3 V supply - no charge
pump required
■ Interoperable with 5 V logic
■ 1 µA low current shutdown mode max
■ Guaranteed 12 Mbps data rate
■ -7 to 12 V common mode input voltage range
■ Half duplex versions available
■ Industry standard 75176 pinout
■ Current limiting and thermal shutdown for
driver overload protection
■ Guaranteed high receiver output state for
floating inputs with no signal present
■ Allow up to 64 transceivers on the bus
Description
The ST3485E is ±15 kV ESD protected, 3.3 V low
power transceiver for RS-485 and RS-422
communications. The device contains one driver
and one receiver in half duplex configuration. The
ST3485E transmits and receives at a guaranteed
data rate of at least 12 Mbps.
All transmitter outputs and receiver inputs are
protected to ±15 kV using Human Body Model.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high-impedance state.
DIP-8
SO-8
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
ST3485ECN
0 to 70 °C
DIP-8
50 parts per tube / 40 tube per box
ST3485ECDR
0 to 70 °C
SO-8 (tape and reel)
2500 parts per reel
ST3485EBDR
-40 to 85 °C
SO-8 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3485ECN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485ECN STMICROELECTRONICS-ST3485ECN Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485ECN STMICROELECTRONICS-ST3485ECN Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
More results

Similar Description - ST3485ECN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480A STMICROELECTRONICS-ST1480A Datasheet
335Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
02-May-2006
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
logo
Analog Devices
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com