Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3485ECN Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST3485ECN
Description  3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3485ECN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST3485ECN Datasheet HTML 11Page - STMicroelectronics ST3485ECN Datasheet HTML 12Page - STMicroelectronics ST3485ECN Datasheet HTML 13Page - STMicroelectronics ST3485ECN Datasheet HTML 14Page - STMicroelectronics ST3485ECN Datasheet HTML 15Page - STMicroelectronics ST3485ECN Datasheet HTML 16Page - STMicroelectronics ST3485ECN Datasheet HTML 17Page - STMicroelectronics ST3485ECN Datasheet HTML 18Page - STMicroelectronics ST3485ECN Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ST3485EB - ST3485EC
Test circuits and typical characteristics
15/22
Figure 20.
Receiver output current vs output
low voltage
Figure 21.
Receiver output current vs output
high voltage
Figure 22.
Low level driver output capability
Figure 23.
High level driver output capability
Figure 24.
Receiver input characteristics
Figure 25.
Driver short circuit current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com