Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST8024_08 Datasheet HTML 8Page - STMicroelectronics ST8024_08 Datasheet HTML 9Page - STMicroelectronics ST8024_08 Datasheet HTML 10Page - STMicroelectronics ST8024_08 Datasheet HTML 11Page - STMicroelectronics ST8024_08 Datasheet HTML 12Page - STMicroelectronics ST8024_08 Datasheet HTML 13Page - STMicroelectronics ST8024_08 Datasheet HTML 14Page - STMicroelectronics ST8024_08 Datasheet HTML 15Page - STMicroelectronics ST8024_08 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
ST8024
12/31
Table 12.
Data lines to microcontroller (pins I/OUC, AUX1UC AND AUX2UC with integrated 11
k
Ω pull-up resistor to VDD (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise
noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOH
High level output voltage
5 and 3 V card; IOH < − 40µA
0.75 VDD
VDD+0.1
V
No DC Load
0.9 VDD
VDD+0.1
VOL
Low level output voltage
IOL = 1 mA
0
0.3
V
VIH
High level input voltage
0.7 VDD
VDD+0.3
V
VIL
Low level input voltage
-0.3
0.3 VDD
V
|ILIH|
High level input leakage
current
VIH = VDD
10
µA
|IL|
Low level input current
VIL = 0 V
600
µA
RPU
Internal pull-up resistance to
VDD
Pull-up resistor to VDD
911
13
k
Ω
tT(DI)
Data input transition time
VIL(max) to VIH(min)
1.2
µs
tT(DO)
Data output transition time
VO = 0 to VDD; CL < 30 pF;
10% to 90%
0.1
µs
IPU
Current when pull-up active
VOH = 0.9VDD; CL = 30 pF
-1
mA
Table 13.
Internal oscillator (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted.
Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
fOSC(INT)
Frequency of internal oscillator
Inactive mode
55
140
200
kHz
Active mode
2.2
2.7
3.2
MHz
Table 14.
Reset output to card reader (pin RST) (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless
otherwise noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output voltage in inactive
mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output current
Inactive mode; pin grounded
0
-1
mA
tD(RSTIN-RST) RSTN to RST Delay
RST Enable
2
µs
VOL
Low level output voltage
IOL = 200 µA
0
0.2
V
IOL = 20 mA (current limit)
VCC-0.4
VCC
VOH
High level output voltage
IOH = -200 µA
0.9VCC
VCC
V
IOH = -20 mA (current limit)
0
0.4
tR, tF
Rise and fall time
CL = 100 pF; VCC = 5 or 3 V
0.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com