Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST8024_08 Datasheet HTML 20Page - STMicroelectronics ST8024_08 Datasheet HTML 21Page - STMicroelectronics ST8024_08 Datasheet HTML 22Page - STMicroelectronics ST8024_08 Datasheet HTML 23Page - STMicroelectronics ST8024_08 Datasheet HTML 24Page - STMicroelectronics ST8024_08 Datasheet HTML 25Page - STMicroelectronics ST8024_08 Datasheet HTML 26Page - STMicroelectronics ST8024_08 Datasheet HTML 27Page - STMicroelectronics ST8024_08 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Application
ST8024
24/31
6
Application
Figure 10.
Application diagram
(1) These capacitors must be of the low ESR-type and be placed near the IC (within 100 mm).
(2) ST8024 and the microcontroller must use the same VDD supply.
(3) Make short, straight connections between CGND, C5 and the ground connection to the capacitor.
(4) Mount one low ESR-type 100 nF capacitor close to pin VCC.
(5) Mount one low ESR-type 100 nF capacitor close to C1 contact.
(6) The connection to C3 should be routed as far from C2, C7, C4 and C8 and, if possible, surrounded by
grounded tracks.
(7) Optional resistor bridge for changing the threshold of VDD. If this bridge is not required pin 18 should be
connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com