Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST8024
Description  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST8024_08 Datasheet HTML 9Page - STMicroelectronics ST8024_08 Datasheet HTML 10Page - STMicroelectronics ST8024_08 Datasheet HTML 11Page - STMicroelectronics ST8024_08 Datasheet HTML 12Page - STMicroelectronics ST8024_08 Datasheet HTML 13Page - STMicroelectronics ST8024_08 Datasheet HTML 14Page - STMicroelectronics ST8024_08 Datasheet HTML 15Page - STMicroelectronics ST8024_08 Datasheet HTML 16Page - STMicroelectronics ST8024_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ST8024
Electrical characteristics
13/31
Table 15.
Clock output to card reader (pin CLK) (VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless
otherwise noted. Typical values are to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output voltage in inactive mode
IO(inactive) = 1 mA
0
0.3
V
No Load
0
0.1
IO(inactive)
Output current
CLK Inactive mode; pin
grounded
0-1
mA
VOL
Low level output voltage
IOL = 200 µA
0
0.3
V
IOL = 70 mA (current
limit)
VCC-0.4
VCC
VOH
High level output voltage
IOH = -200 µA
0.9VCC
VCC
V
IOH = -70 mA (current
limit)
00.4
tR, tF
Rise and fall time
CL = 30 pF (Note 4)16
ns
δ
Duty factor (except for fXTALS)CL = 30 pF (Note 4)45
55
%
SR
Slew rate
Slew up or down;
CL = 30 pF
0.2
V/ns
Table 16.
Control inputs (pins CLKDIV1, CLKDIV2, CMDVCC, RSTIN and 5 V / 3 V
(VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are to TA
= 25 °C) (Note 5)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input voltage low
-0.3
0.3VDD
V
VIH
Input voltage high
0.7VDD
VDD
V
|ILIH|
Input leakage current high
VIH = VDD
1µA
|ILIL|
Input leakage current low
VIL = 0
1
µA
Table 17.
Card presence inputs (pins PRES and PRES)
(VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are to TA
= 25 °C) (Note 6)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input voltage low
-0.3
0.3 VDD
V
VIH
Input voltage high
0.7 VDD
VDD+0.3
V
|ILIH|
Input leakage current high
VIH = VDD
5µA
|ILIL|
Input leakage current low
VIL = 0
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com