Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH2003C
Description  Hight frequency secondary rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003C Datasheet(HTML) 2 Page - STMicroelectronics

  STTH2003C Datasheet HTML 1Page - STMicroelectronics STTH2003C Datasheet HTML 2Page - STMicroelectronics STTH2003C Datasheet HTML 3Page - STMicroelectronics STTH2003C Datasheet HTML 4Page - STMicroelectronics STTH2003C Datasheet HTML 5Page - STMicroelectronics STTH2003C Datasheet HTML 6Page - STMicroelectronics STTH2003C Datasheet HTML 7Page - STMicroelectronics STTH2003C Datasheet HTML 8Page - STMicroelectronics STTH2003C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
STTH2003C
2/11
1
Characteristics
Note:
To evaluate the conduction losses use the following equation:
P = 0.75 x IF(AV) + 0.025 IF
2
(RMS))
Table 1.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward voltage
30
A
IF(peak)
Peak working forward
current
δ = 0.5
I2PAK, D2PAK,
TO-220AB
Tc = 140°C
Per diode
Per device
10
20
A
TO-220FPAB
Tc = 125°C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
110
A
IRSM
Non repetitive avalanche current
tp = 10 µs square
5A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-c)
Junction to case
I2PAK, D2PAK, TO-220AB
Per diode
2.5
°C/W
Total
1.3
TO-220FPAB
Per diode
4.6
Total
4
Rth(c)
I2PAK, D2PAK, TO-220AB Coupling
0.1
TO-220FPAB
Coupling
3.5
Table 3.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = 300 V
20
µA
Tj = 125° C
30
300
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 10 A
1.25
V
Tj = 125° C
0.85
1
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com