Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH2003C
Description  Hight frequency secondary rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003C Datasheet(HTML) 3 Page - STMicroelectronics

  STTH2003C Datasheet HTML 1Page - STMicroelectronics STTH2003C Datasheet HTML 2Page - STMicroelectronics STTH2003C Datasheet HTML 3Page - STMicroelectronics STTH2003C Datasheet HTML 4Page - STMicroelectronics STTH2003C Datasheet HTML 5Page - STMicroelectronics STTH2003C Datasheet HTML 6Page - STMicroelectronics STTH2003C Datasheet HTML 7Page - STMicroelectronics STTH2003C Datasheet HTML 8Page - STMicroelectronics STTH2003C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH2003C
Characteristics
3/11
Table 4.
Recovery Characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
Tj = 25°C
IF = 0.5 A
Irr = 0.25 A
IR = 1 A
25
ns
IF = 1 A
VR = 30 V
dIF/dt = -50 A/µs
35
tfr
Forward recovery time
Tj = 25°C
IF = 10 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
230
ns
VFP
Peak forward voltage
Tj = 25°C
IF = 10 A
dIF/dt = 100 A/µs
3.5
V
IRM
Reverse recovery current
Tj = 125°C
IF = 10 A
VCC = 200V
dIF/dt = 200 A/µs
8A
Sfactor
Softness factor
0.3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com