Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2003C
Description  Hight frequency secondary rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003C Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2003C Datasheet HTML 1Page - STMicroelectronics STTH2003C Datasheet HTML 2Page - STMicroelectronics STTH2003C Datasheet HTML 3Page - STMicroelectronics STTH2003C Datasheet HTML 4Page - STMicroelectronics STTH2003C Datasheet HTML 5Page - STMicroelectronics STTH2003C Datasheet HTML 6Page - STMicroelectronics STTH2003C Datasheet HTML 7Page - STMicroelectronics STTH2003C Datasheet HTML 8Page - STMicroelectronics STTH2003C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH2003C
4/11
Figure 1.
Conduction losses versus average
forward current (per diode)
Figure 2.
Forward voltage drop versus
forward current (maximum values,
per diode)
02
4
6
8
10
12
0
2
4
6
8
10
12
14
P1(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1
δ = 0.2
δ = 0.5
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
1
10
100
200
I
(A)
FM
V
(V)
FM
T =25°C
j
T =75°C
j
T =125°C
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AB / D2PAK /
I2PAK)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-22FP0AB)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 5.
Peak reverse recovery current
versus dIF/dt (90% confidence, per
diode)
Figure 6.
Reverse recovery time versus dIF/dt
(90% confidence, per diode)
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com