Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1R04
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1R04 Datasheet HTML 1Page - STMicroelectronics STTH1R04 Datasheet HTML 2Page - STMicroelectronics STTH1R04 Datasheet HTML 3Page - STMicroelectronics STTH1R04 Datasheet HTML 4Page - STMicroelectronics STTH1R04 Datasheet HTML 5Page - STMicroelectronics STTH1R04 Datasheet HTML 6Page - STMicroelectronics STTH1R04 Datasheet HTML 7Page - STMicroelectronics STTH1R04 Datasheet HTML 8Page - STMicroelectronics STTH1R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH1R04
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.9 x IF(AV) + 0.250 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IF(AV)
Average forward current,
δ = 0.5
DO-41
Tlead = 100 °C
1.0
A
DO-15
Tlead = 105 °C
SMA
Tlead = 125 °C
SMB
Tlead = 140 °C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
30
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(1)
1.
On infinite heatsink with 10 mm lead length
175
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
Lead length = 10 mm
on infinite heatsink
DO-41
55
°C/W
DO-15
50
Rth(j-l)
Junction to lead
SMA
35
SMB
25
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage current
Tj = 25 °C
VR = VRRM
5
µA
Tj = 125 °C
5
50
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage drop
Tj = 25 °C
IF = 1.0 A
1.5
V
Tj = 100 °C
1.0
1.25
Tj = 150 °C
0.9
1.15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com