Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1R04
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1R04 Datasheet HTML 1Page - STMicroelectronics STTH1R04 Datasheet HTML 2Page - STMicroelectronics STTH1R04 Datasheet HTML 3Page - STMicroelectronics STTH1R04 Datasheet HTML 4Page - STMicroelectronics STTH1R04 Datasheet HTML 5Page - STMicroelectronics STTH1R04 Datasheet HTML 6Page - STMicroelectronics STTH1R04 Datasheet HTML 7Page - STMicroelectronics STTH1R04 Datasheet HTML 8Page - STMicroelectronics STTH1R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH1R04
Characteristics
5/10
Figure 11.
Relative variations of dynamic
parameters versus junction
temperature
Figure 12.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 13.
Forward recovery time versus
dIF/dt (typical values)
Figure 14.
Thermal resistance versus
lead length (DO-41)
Figure 15.
Thermal resistance junction to
ambient versus lead length, DO-15
Figure 16.
Thermal resistance junction to
ambient versus copper surface
under each lead, SMA, SMB, (epoxy
FR4, copper thickness = 35 µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F= 1 A
V
R=320 V
Tj(°C)
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=1 A
T
j=125 °C
dIF/dt(A/µs)
0
5
10
15
20
25
30
35
40
45
50
55
0
50
100
150
200
250
300
350
400
450
500
t
FR(ns)
I
F=1 A
T
j=125 °C
dIF/dt(A/µs)
0
20
40
60
80
100
120
5
1015
2025
R
th(°C/W)
R
th(j-a)
R
th(j-l)
DO-41
Lleads(mm)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
DO-15
Lleads(mm)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
SMB
SMA
SMA
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com