Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R04 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R04
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R04 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R04 Datasheet HTML 1Page - STMicroelectronics STTH1R04 Datasheet HTML 2Page - STMicroelectronics STTH1R04 Datasheet HTML 3Page - STMicroelectronics STTH1R04 Datasheet HTML 4Page - STMicroelectronics STTH1R04 Datasheet HTML 5Page - STMicroelectronics STTH1R04 Datasheet HTML 6Page - STMicroelectronics STTH1R04 Datasheet HTML 7Page - STMicroelectronics STTH1R04 Datasheet HTML 8Page - STMicroelectronics STTH1R04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH1R04
4/10
Figure 5.
Relative variation of thermal
impedance junction to lead
versus pulse duration, SMA
Figure 6.
Relative variation of thermal
impedance junction to lead
versus pulse duration, SMB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Z
th(j-l)/Rth(j-l)
Single pulse
SMA
S
cu=1cm²
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-l)/Rth(j-l)
Single pulse
SMB
Scu=1cm²
tP(s)
Figure 7.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 8.
Reverse recovery charges versus
dIF/dt (typical values)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
0
4
8
12
16
20
24
28
32
36
40
10
100
1000
Q
RR(nC)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
Figure 9.
Reverse recovery time versus
dIF/dt (typical values)
Figure 10.
Peak reverse recovery current
versus dIF/dt (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1000
t
RR(ns)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
100
1000
I
RM(A)
I
F= 1 A
V
R=320 V
T
j=125 °C
T
j=25 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com