Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH1R06A
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06A Datasheet(HTML) 8 Page - STMicroelectronics

  STTH1R06A Datasheet HTML 1Page - STMicroelectronics STTH1R06A Datasheet HTML 2Page - STMicroelectronics STTH1R06A Datasheet HTML 3Page - STMicroelectronics STTH1R06A Datasheet HTML 4Page - STMicroelectronics STTH1R06A Datasheet HTML 5Page - STMicroelectronics STTH1R06A Datasheet HTML 6Page - STMicroelectronics STTH1R06A Datasheet HTML 7Page - STMicroelectronics STTH1R06A Datasheet HTML 8Page - STMicroelectronics STTH1R06A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STTH1R06
8/9
3
Ordering information
4
Revision history
Table 10.
Ordering information
Part number
Marking
Package
Weight
Base qty
Delivery mode
STTH1R06
STTH1R06
DO-41
0.34 g
2000
Ammopack
STTH1R06RL
STTH1R06
DO-41
0.34 g
5000
Tape and reel
STTH1R06A
HR6
SMA
0.068 g
5000
Tape and reel
STTH1R06U
BR6
SMB
0.11 g
2500
Tape and reel
Table 11.
Revision history
Date
Revision
Description of changes
Apr-2003
1
First issue
07-Sep-2004
2
DO-41 and SMA packages added
24-Feb-2005
3
SMA package dimensions update. Reference A1 max.
changed from 2.70 mm (0.106 inches) to 2.03 mm
(0.080 inches).
02-Jul-2007
4
Reformatted to current standards. Added cathode bars to
cover illustrations. Updated dimensions and footprint
illustrations for SMA and SMB packages. Corrected part
number in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com