Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R06A
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06A Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R06A Datasheet HTML 1Page - STMicroelectronics STTH1R06A Datasheet HTML 2Page - STMicroelectronics STTH1R06A Datasheet HTML 3Page - STMicroelectronics STTH1R06A Datasheet HTML 4Page - STMicroelectronics STTH1R06A Datasheet HTML 5Page - STMicroelectronics STTH1R06A Datasheet HTML 6Page - STMicroelectronics STTH1R06A Datasheet HTML 7Page - STMicroelectronics STTH1R06A Datasheet HTML 8Page - STMicroelectronics STTH1R06A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2007
Rev 4
1/9
9
STTH1R06
Turbo 2 ultrafast high voltage rectifier
Features and benefits
■ Ultrafast switching
■ Low reverse recovery current
■ Low thermal resistance
■ Reduces switching and conduction losses
Description
The STTH1R06, which uses ST Turbo 2 600 V
technology, is especially suited as a boost diode
in power factor correction circuitry.
The device is also intended for use as a free
wheeling diode in power supplies and other power
switching applications.
Table 1.
Main product characteristics
IF (AV)
1 A
VRRM
600 V
IR (max)
75 µA
Tj
175° C
VF (typ)
1.0 V
trr (max)
25 ns
Table 2.
Order codes
Part number
Marking
STTH1R06
STTH1R06
STTH1R06RL
STTH1R06
STTH1R06A
HR6
STTH1R06U
BR6
DO-41
STTH1R06
SMA
STTH1R06A
SMB
STTH1R06U
K
K
K
A
A
A
Table 3.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward voltage
DO-41
10
A
SMA / SMB
7
IF(AV)
Average forward current
DO-41
Tc = 100° C
δ = 0.5
1A
SMA
Tc = 125° C
δ = 0.5
SMB
Tc = 135° C
δ = 0.5
IFSM
Surge non repetitive forward current
DO-41
tp = 10ms sinusoidal
25
A
SMA / SMB
20
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature
175
° C
www.st.com


Similar Part No. - STTH1R06A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06A STMICROELECTRONICS-STTH1R06A Datasheet
83Kb / 9P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
February 2005 REV. 3
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
More results

Similar Description - STTH1R06A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com