Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1R06A
Description  Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06A Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1R06A Datasheet HTML 1Page - STMicroelectronics STTH1R06A Datasheet HTML 2Page - STMicroelectronics STTH1R06A Datasheet HTML 3Page - STMicroelectronics STTH1R06A Datasheet HTML 4Page - STMicroelectronics STTH1R06A Datasheet HTML 5Page - STMicroelectronics STTH1R06A Datasheet HTML 6Page - STMicroelectronics STTH1R06A Datasheet HTML 7Page - STMicroelectronics STTH1R06A Datasheet HTML 8Page - STMicroelectronics STTH1R06A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH1R06
2/9
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.03 x IF(AV) + 0.27 IF
2
(RMS)
Table 4.
Thermal resistance
Symbol
Parameter
Value (max)
Unit
Rth(j-l)
Junction to lead
L = 10 mm
DO-41
45
°C/W
SMA
30
SMB
25
Rth(j-a)
Junction to ambient (1)
L = 10 mm
DO-41
70
°C/W
1.
Rth(j-a) is measured with a copper area S = S cm
2
(see Figure 14).
Table 5.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25° C
VR = VRRM
1
µA
Tj = 150° C
10
75
VF
Forward voltage drop
Tj = 25° C
IF = 1 A
1.7
V
Tj = 150° C
1.0
1.25
Table 6.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25° C
IF = 0.5 A Irr = 0.25 A IR =1 A
25
ns
IF = 1 A dIF/dt = -50 A/µs
VR =30 V
30
45
tfr
Forward recovery time
Tj = 25° C
IF = 1 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
100
ns
VFP
Forward recovery
voltage
Tj = 25° C
IF = 1 A
dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
10
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com