Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06AFY Datasheet (PDF) - STMicroelectronics

STTH1R06AFY Datasheet PDF - STMicroelectronics
Part # STTH1R06AFY
Download  STTH1R06AFY Download
File Size   215.73 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 1 A, turbo 2 ultrafast rectifier

STTH1R06AFY Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH1R06AFY Datasheet PDF - STMicroelectronics

Part # STTH1R06AFY
Download  STTH1R06AFY Click to download

File Size   215.73 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 1 A, turbo 2 ultrafast rectifier

STTH1R06AFY Datasheet (HTML) - STMicroelectronics


STTH1R06AFY Product details

Features
• AEC-Q101 qualified
• Ultrafast recovery
• VRRM 600 V up to -40 °C
• Low power losses
• High surge capability
• Low leakage current
• High junction temperature
• PPAP capable
• ECOPACK® 2 compliant component

Description
The STTH1R06AFY is an ultrafast recovery power rectifier dedicated to energy
recovery in automotive application housed in SOD128Flat to improve space saving.
It is especially designed for clamping function in energy recovery block.
The compromise between forward voltage drop and recovery time offers optimized
performance.

Applications
• Reverse polarity protection
• Clamping function
• Boost diode
• PFC




Similar Part No. - STTH1R06AFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
More results


Similar Description - STTH1R06AFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com