Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R06AFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R06AFY
Description  Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AFY Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R06AFY Datasheet HTML 1Page - STMicroelectronics STTH1R06AFY Datasheet HTML 2Page - STMicroelectronics STTH1R06AFY Datasheet HTML 3Page - STMicroelectronics STTH1R06AFY Datasheet HTML 4Page - STMicroelectronics STTH1R06AFY Datasheet HTML 5Page - STMicroelectronics STTH1R06AFY Datasheet HTML 6Page - STMicroelectronics STTH1R06AFY Datasheet HTML 7Page - STMicroelectronics STTH1R06AFY Datasheet HTML 8Page - STMicroelectronics STTH1R06AFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SOD128Flat
A
K
Features
AEC-Q101 qualified
Ultrafast recovery
VRRM 600 V up to -40 °C
Low power losses
High surge capability
Low leakage current
High junction temperature
PPAP capable
ECOPACK®2 compliant component
Applications
Reverse polarity protection
Clamping function
Boost diode
PFC
Description
The STTH1R06AFY is an ultrafast recovery power rectifier dedicated to energy
recovery in automotive application housed in SOD128Flat to improve space saving.
It is especially designed for clamping function in energy recovery block.
The compromise between forward voltage drop and recovery time offers optimized
performance.
Product status
STTH1R06AFY
Product summary
IF(AV)
1 A
VRRM
600 V
trr
30 ns
Tj
175 °C
VF(typ.)
1.08 V
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
STTH1R06AFY
Datasheet
DS12434 - Rev 2 - December 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH1R06AFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
More results

Similar Description - STTH1R06AFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
STTH1R06AF STMICROELECTRONICS-STTH1R06AF Datasheet
258Kb / 9P
600 V, 1 A, turbo 2 ultrafast rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com